Part Number Hot Search : 
SIZ902DT 2SK13 U209B 12SRWZ FDLDA801 HD64F3 A5800630 FS1610BH
Product Description
Full Text Search
 

To Download B4060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Components
Data Sheet B4060
SAW Components Low-Loss Filter for Automotive Telematics Data Sheet
B4060 1575,42 MHz
SMD ceramic package QCC8D
Features
s RF low-loss filter for GPS application s Unbalanced to unbalanced or unbalanced s Package s s s s s
to balanced operation for Surface Mounted Technology (SMT) Hermetically sealed ceramic package No matching network required for operation at 50 Extended temperature range for automotive application Compliant to EU RoHs Directive (2002/95/EC) Lead free soldering compatible with J - STD20C
Terminals
s Ni, gold-plated
Dimensions in mm, approx. weight 0,037 g Pin configuration 6 5 2 1 3, 7 4, 8 Input Input ground Output Output (bal) or output ground (unbal.) To be grounded Case - ground 6 2
5 4,8
1
Type B4060
Ordering code B39162-B4060-U810
Marking and Package according to C61157-A7-A72
Packing according to F61074-V8168-Z000
Electrostatic Sensitive Device (ESD) Maximum ratings Operable temperature range Storage temperature range DC voltage Source power
T Tstg VDC Ps
- 40/ +105 - 40/ +105 0 0 10
C C V dBm dBm
source impedance 50 , c.w. 824...849 MHz, 890...915 MHz, 1710...1785 MHz
2
Oct 21, 2005
SAW Components Low-Loss Filter for Automotive Telematics Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B4060 1575,42 MHz
TA = - 40 ... +85 C ZS = 50 unbal. ZL = 50 unbal.
min. typ. 1575,42 max. -- MHz
Nominal frequency Maximum insertion attenuation 1574,22 MHz ... 1576,62 MHz Amplitude ripple in passband (p-p) 1574,22 MHz ... 1576,62 MHz Attenuation 100,0 MHz 1450,0 MHz 1625,0 MHz 1640,0 MHz 1710,0 MHz 1805,0 MHz 1910,0 MHz ... ... ... ... ... ... ... 1450,0 MHz 1520,0 MHz 1640,0 MHz 1710,0 MHz 1805,0 MHz 1910,0 MHz 2000,0 MHz
fN
max
--
-- -- 40 30 20 25 35 45 40
1,3
1,8
dB
0,1
1,0
dB
44 34 25 30 43 52 45
-- -- -- -- -- -- --
dB dB dB dB dB dB dB
3
Oct 21, 2005
SAW Components Low-Loss Filter for Automotive Telematics Data Sheet
Characteristics Operating temperature range: Terminating source impedance: Terminating load impedance:
B4060 1575,42 MHz
TA = - 40 ... +105 C ZS = 50 unbal. ZL = 50 unbal.
min. typ. 1575,42 max. -- MHz
Nominal frequency Maximum insertion attenuation 1574,22 MHz ... 1576,62 MHz Amplitude ripple in passband (p-p) 1574,22 MHz ... 1576,62 MHz Attenuation 100,0 MHz 1450,0 MHz 1625,0 MHz 1640,0 MHz 1710,0 MHz 1805,0 MHz 1910,0 MHz ... ... ... ... ... ... ... 1450,0 MHz 1520,0 MHz 1640,0 MHz 1710,0 MHz 1805,0 MHz 1910,0 MHz 2000,0 MHz
fN
max
--
-- -- 40 30 20 25 35 45 40
1,3
2,0
dB
0,1
1,0
dB
44 34 25 30 43 52 45
-- -- -- -- -- -- --
dB dB dB dB dB dB dB
4
Oct 21, 2005
SAW Components Low-Loss Filter for Automotive Telematics Data Sheet
Transfer function
B4060 1575,42 MHz
Transfer function (pass band)
5
Oct 21, 2005
SAW Components Low-Loss Filter for Automotive Telematics Data Sheet
B4060 1575,42 MHz
Published by EPCOS AG Surface Acoustic Wave Components Division, SAW COM AE P.O. Box 80 17 09, 81617 Munich, GERMANY (c).EPCOS AG 2005. Reproduction, publication and dissemination of this brochure and the information contained therein without EPCOS' prior express consent is prohibited. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed. This brochure replaces the previous edition. For questions on technology, prices and delivery please contact the Sales Offices of EPCOS AG or the international Representatives. Due to technical requirements components may contain dangerous substances. For information on the type in question please also contact one of our Sales Offices.
6
Oct 21, 2005


▲Up To Search▲   

 
Price & Availability of B4060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X